PART |
Description |
Maker |
1755558 |
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm, Number of positions: 6, Color: green, Assembly: Soldering
|
PHOENIX CONTACT
|
NTE5296A NTE5240A NTE5241A NTE5242A NTE5243A NTE52 |
50 watt zener diode, -5% tolerance. Nominal zener voltage Vz = 52.0V. Zener test current Izt = 240mA. 50 watt zener diode, -5% tolerance. Nominal zener voltage Vz = 33.0V. Zener test current Izt = 380mA. 50 watt zener diode, -5% tolerance. Nominal zener voltage Vz = 180.0V. Zener test current Izt = 68mA. 50 Watt Zener Diodes ±5% Tolerance 50 Watt Zener Diodes 5% Tolerance 50 WATT ZENER DIODES 【5% TOLERANCE Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 50μA低电流操作,低反向漏,低噪声稳压二极管(250μA工作电流,小反向漏电流,低噪声,齐纳二极管) 50 watt zener diode, -5% tolerance. Nominal zener voltage Vz = 13.0V. Zener test current Izt = 960mA. 50 watt zener diode, -5% tolerance. Nominal zener voltage Vz = 43.0V. Zener test current Izt = 290mA.
|
NTE[NTE Electronics] Fujitsu, Ltd. NTE Electronics, Inc.
|
0707057 |
Header, nominal current: 12 A, rated voltage: 320 V, pitch: 5.08 mm, no. of positions: 8, mounting: Direct mounting - DFK-MSTB 2,5/ 8-G-5,08
|
Phoenix Contact
|
0707154 |
Header, nominal current: 12 A, rated voltage: 320 V, pitch: 5.0 mm, no. of positions: 7, mounting: Direct mounting - DFK-MSTB 2,5/ 7-G
|
Phoenix Contact
|
0707060 |
Header, nominal current: 12 A, rated voltage: 320 V, pitch: 5.0 mm, no. of positions: 8, mounting: Direct mounting - DFK-MSTB 2,5/ 8-G
|
Phoenix Contact
|
NTE15049AC NTE15040-ECG NTE15048-ECG NTE15050AC NT |
Surge arrester (gas filled). Nominal breakdown voltage 240VAC. Surge arrester (gas filled). Nominal breakdown voltage 600VDC Surge arrester (gas filled). Nominal breakdown voltage 230VDC Surge arrester (gas filled). Nominal breakdown voltage 300VDC Surge arrester (gas filled). Nominal breakdown voltage 90VDC Surge arrester (gas filled). Nominal breakdown voltage 110VDC Surge Arresters (Gas Filled) 避雷器(充气 Surge arrester (gas filled). Nominal breakdown voltage 350VDC Surge arrester (gas filled). Nominal breakdown voltage 145VDC Surge arrester (gas filled). Nominal breakdown voltage 470VDC Surge arrester (gas filled). Nominal breakdown voltage 75VDC Surge arrester (gas filled). Nominal breakdown voltage 120VAC.
|
NTE Electronics, Inc.
|
MMBZ5235B MMBZ5250B MMBZ5243B MMBZ5252B MMBZ5245B |
Surface nount zener diode. 350 mW. Nominal zen. Vltg @ Izt Vz 11 V. Test current 20.0 mA. Surface nount zener diode. 350 mW. Nominal zen. Vltg @ Izt Vz 10 V. Test current 20.0 mA. Surface nount zener diode. 350 mW. Nominal zen. Vltg @ Izt Vz 8.7 V. Test current 20.0 mA. Surface nount zener diode. 350 mW. Nominal zen. Vltg @ Izt Vz 7.5 V. Test current 20.0 mA. Surface nount zener diode. 350 mW. Nominal zen. Vltg @ Izt Vz 4.3 V. Test current 20.0 mA. 3-26V Dual Operational Amplifier, Ta = -40 to 105°C; Package: 8 LEAD PDIP; No of Pins: 8; Container: Rail; Qty per Container: 50 5-30V Single Comparator, Ta = -25 to 85°C- Pb-free; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 2-36V Dual Comparator, Ta= -40 to 125°C; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 0.5A, 5V, 52kHz Buck PWM Switching Regulator; Package: 8 LEAD PDIP; No of Pins: 8; Container: Rail; Qty per Container: 50 表面贴装稳压二极 3-26V Quad Operational Amplifier, Ta= -40 to 105°C - Pb-free; Package: SOIC 14 LEAD; No of Pins: 14; Container: Tape and Reel; Qty per Container: 2500 表面贴装稳压二极 Small Signal Bias Resistor Transistor SC75 NPN 50V; Package: SC-75 (SOT-416) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 3000 Ultra High Speed Switching Diode SC88; Package: SC-88/SC70-6/SOT-363 6 LEAD; No of Pins: 6; Container: Tape and Reel; Qty per Container: 3000 Surface nount zener diode. 350 mW. Nominal zen. Vltg @ Izt Vz 6.2 V. Test current 20.0 mA. Surface nount zener diode. 350 mW. Nominal zen. Vltg @ Izt Vz 5.6 V. Test current 20.0 mA. SURFACE MOUNT ZENER DIODES
|
Shanghai Lunsure Electronic... Chenyi Electronics CHENYI[Shanghai Lunsure Electronic Tech] 上海朗硕科技有限公司 Shanghai LUNSURE Electronic Technology Co., Ltd. 涓?捣???绉???????? Shanghai Lunsure Electr...
|
AEP15024 AEP15112 AEP15124 AEP15312 AEP15324 AEP16 |
EP-relay. High voltage and current, out-off capacity in a compact package. Nominal voltage 24 V DC. Contact arrangement: 1 form A. Contact rating: 150A. Without indicator contact. EP-relay. High voltage and current, out-off capacity in a compact package. Nominal voltage 12 V DC. Contact arrangement: 1 form A. Contact rating: 150A. Indicator contact arrangement: a contact.. EP-relay. High voltage and current, out-off capacity in a compact package. Nominal voltage 24 V DC. Contact arrangement: 1 form A. Contact rating: 150A. Indicator contact arrangement: a contact.. EP-relay. High voltage and current, out-off capacity in a compact package. Nominal voltage 12 V DC. Contact arrangement: 1 form A. Contact rating: 150A. Indicator contact arrangement: b contact. EP-relay. High voltage and current, out-off capacity in a compact package. Nominal voltage 24 V DC. Contact arrangement: 1 form A. Contact rating: 150A. Indicator contact arrangement: b contact. EP-relay. High voltage and current, out-off capacity in a compact package. Nominal voltage 12 V DC. Contact arrangement: 1 form A. Contact rating: 60A. Without indicator contact. EP-relay. High voltage and current, out-off capacity in a compact package. Nominal voltage 24 V DC. Contact arrangement: 1 form A. Contact rating: 60A. Without indicator contact. EP-relay. High voltage and current, out-off capacity in a compact package. Nominal voltage 12 V DC. Contact arrangement: 2 form A. Contact rating: 150A. Without indicator contact. EP-relay. High voltage and current, out-off capacity in a compact package. Nominal voltage 12 V DC. Contact arrangement: 2 form A. Contact rating: 150A. Indicator contact arrangement: b contact. EP-relay. High voltage and current, out-off capacity in a compact package. Nominal voltage 24 V DC. Contact arrangement: 2 form A. Contact rating: 150A. Indicator contact arrangement: b contact.
|
Matsushita Electric Works(Nais)
|
BAS70J BAS70-05W BAS70W BAS70-04W BAS70-06W |
SMALL SIGNAL SCHOTTKY DIODE CSCA-A Series Hall-effect based, open-loop current sensor, Gallant connector, 300 A rms nominal, ±900 A range
|
http:// STMICROELECTRONICS[STMicroelectronics] 意法半导
|
M4A5 M1P5 M1P1 M2G9 M5D1 M5M1 M1F9 M1B5 M5B5 M7P9 |
MEDIUM CURRENT SILICON RECTIFIERS (M2Kx) MEDIUM CURRENT SILICON RECTIFIERS Header, Breakaway Vertical; Number of Contacts:2; Pitch Spacing:2.54mm; Number of Rows:1; Gender:Header; Series:42375; Body Material:PA Polyamide KK 100 Hdr Assy Bkwy 30 Ckt Tin MEDIUM CURRENT SILICON RECTIFIERS 中型电流硅整
|
List of Unclassifed Manufac... EDAL List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. List of Unclassifed Man...
|
SK5FORTL.ZAHLEN-0804183 SK3FORTL.ZAHLEN-0804183 SK |
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 4, Pitch: 5mm, Connection method: Screw connection, Color: Black, Contact surface: Tin
|
PHOENIX CONTACT
|
53780-1470 |
Wire-to-Board Header; No. of Contacts:14; Pitch Spacing:1.25mm; No. of Rows:1; Gender:Header; Series:53780; Body Material:PPS Polyphenylene Sulfide; Contact Material:Phosphor Bronze; Current Rating:1A; Housing Style:Right-Angle RoHS Compliant: Yes
|
MOLEX INC
|